|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
(R) ICM7555, ICM7556 Data Sheet August 24, 2006 FN2867.9 General Purpose Timers The ICM7555 and ICM7556 are CMOS RC timers providing significantly improved performance over the standard SE/NE 555/6 and 355 timers, while at the same time being direct replacements for those devices in most applications. Improved parameters include low supply current, wide operating supply voltage range, low THRESHOLD, TRIGGER and RESET currents, no crowbarring of the supply current during output transitions, higher frequency performance and no requirement to decouple CONTROL VOLTAGE for stable operation. Specifically, the ICM7555 and ICM7556 are stable controllers capable of producing accurate time delays or frequencies. The ICM7556 is a dual ICM7555, with the two timers operating independently of each other, sharing only V+ and GND. In the one shot mode, the pulse width of each circuit is precisely controlled by one external resistor and capacitor. For astable operation as an oscillator, the free running frequency and the duty cycle are both accurately controlled by two external resistors and one capacitor. Unlike the regular bipolar SE/NE 555/6 devices, the CONTROL VOLTAGE terminal need not be decoupled with a capacitor. The circuits are triggered and reset on falling (negative) waveforms, and the output inverter can source or sink currents large enough to drive TTL loads, or provide minimal offsets to drive CMOS loads. Features * Exact Equivalent in Most Cases for SE/NE555/556 or TLC555/556 * Low Supply Current - ICM7555 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60A - ICM7556 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 120A * Extremely Low Input Currents . . . . . . . . . . . . . . . . . 20pA * High Speed Operation . . . . . . . . . . . . . . . . . . . . . . . 1MHz * Guaranteed Supply Voltage Range . . . . . . . . . 2V to 18V * Temperature Stability . . . . . . . . . . . . 0.005%/C at +25C * Normal Reset Function - No Crowbarring of Supply During Output Transition * Can be Used with Higher Impedance Timing Elements than Regular 555/6 for Longer RC Time Constants * Timing from Microseconds through Hours * Operates in Both Astable and Monostable Modes * Adjustable Duty Cycle * High Output Source/Sink Driver can Drive TTL/CMOS * Outputs have Very Low Offsets, HI and LO * Pb-Free Plus Anneal Available (RoHS Compliant) Applications * Precision Timing * Pulse Generation * Sequential Timing * Time Delay Generation * Pulse Width Modulation * Pulse Position Modulation * Missing Pulse Detector Pinouts ICM7555 (8 LD PDIP, SOIC) TOP VIEW ICM7556 (14 LD PDIP, CERDIP) TOP VIEW DISCHARGE 1 GND 1 TRIGGER 2 OUTPUT 3 RESET 4 8 VDD 7 DISCHARGE 6 THRESHOLD 5 CONTROL VOLTAGE THRESH- 2 OLD CONTROL 3 VOLTAGE RESET 4 OUTPUT 5 TRIGGER 6 GND 7 14 VDD 13 DISCHARGE 12 THRESHOLD 11 CONTROL VOLTAGE 10 RESET 9 OUTPUT 8 TRIGGER 1 CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2002, 2004, 2005, 2006. All Rights Reserved All other trademarks mentioned are the property of their respective owners. ICM7555, ICM7556 Ordering Information PART NUMBER ICM7555CBA ICM7555CBA-T ICM7555CBAZ (Note) ICM7555CBAZ-T (Note) ICM7555IBA ICM7555IBAT ICM7555IBAZ (Note) ICM7555IBAZ-T (Note) ICM7555IPA ICM7555IPAZ (Note) ICM7556IPD ICM7556IPDZ (Note) ICM7556MJD PART MARKING 7555 CBA 7555 CBA 7555 CBAZ 7555 CBAZ 7555 IBA 7555 IBA 7555 IBAZ 7555 IBAZ 7555 IPA 7555 IPAZ ICM7556IPD ICM7556IPDZ ICM7556MJD TEMP. RANGE (C) 0 to +70 0 to +70 0 to +70 0 to +70 -25 to +85 -25 to +85 -25 to +85 -25 to +85 -25 to +85 -25 to +85 -25 to +85 -25 to +85 -55 to +125 PACKAGE 8 Ld SOIC 8 Ld SOIC Tape and Reel 8 Ld SOIC (Pb-free) 8 Ld SOIC (Pb-free) Tape and Reel 8 Ld SOIC 8 Ld SOIC Tape and Reel 8 Ld SOIC (Pb-free) 8 Ld SOIC (Pb-free) Tape and Reel 8 Ld PDIP 8 Ld PDIP** (Pb-free) 14 Ld PDIP 14 Ld PDIP** (Pb-free) 14 Ld Cerdip PKG. DWG. # M8.15 M8.15 M8.15 M8.15 M8.15 M8.15 M8.15 M8.15 E8.3 E8.3 E14.3 E14.3 F14.3 **Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications. NOTE: Intersil Pb-free products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 2 FN2867.9 August 24, 2006 ICM7555, ICM7556 Absolute Maximum Ratings Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+18V Input Voltage Trigger, Control Voltage, Threshold, Reset (Note 1) . . . . . . . . . . . . . . . . . . . . . V+ +0.3V to GND -0.3V Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA Thermal Information Thermal Resistance (Typical, Note 2) JA (C/W) JC (C/W) 14 Lead CERDIP Package. . . . . . . . . . 80 24 14 Lead PDIP Package* . . . . . . . . . . . 115 N/A 8 Lead PDIP Package* . . . . . . . . . . . . 130 N/A 8 Lead SOIC Package . . . . . . . . . . . . . 170 N/A Maximum Junction Temperature (Hermetic Package) . . . . . . . +175C Maximum Junction Temperature (Plastic Package) . . . . . . . +150C Maximum Storage Temperature Range . . . . . . . . -65C to +150C Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . +300C (SOIC - Lead Tips Only) * Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications. Operating Conditions Temperature Range ICM7555C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0C to +70C ICM7555I, ICM7556I . . . . . . . . . . . . . . . . . . . . . . -25C to +85C ICM7556M . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55C to +125C CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. NOTES: 1. Due to the SCR structure inherent in the CMOS process used to fabricate these devices, connecting any terminal to a voltage greater than V+ +0.3V or less than V- -0.3V may cause destructive latchup. For this reason it is recommended that no inputs from external sources not operating from the same power supply be applied to the device before its power supply is established. In multiple supply systems, the supply of the ICM7555 and ICM7556 must be turned on first. 2. JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief 379 for details. Electrical Specifications Applies to ICM7555 and ICM7556, unless otherwise specified TA = +25C (NOTE 4) -55C TO +125C MIN TYP MAX 300 300 600 600 UNITS A A A A % 858 1161 150 200 250 0.5 2 1717 2323 150 200 250 0.5 62 28 67 32 71 36 10 10 62 67 71 61 61 27 0.5 72 37 50 50 72 0.5 s ppm/C ppm/C ppm/C %/V % s ppm/C ppm/C ppm/C %/V % VDD % VDD nA nA % VDD PARAMETER Static Supply Current SYMBOL IDD ICM7555 TEST CONDITIONS VDD = 5V VDD = 15V ICM7556 VDD = 5V VDD = 15V MIN TYP 40 60 80 120 2 MAX 200 300 400 600 Monostable Timing Accuracy RA = 10K, C = 0.1F, VDD = 5V Drift with Temperature (Note 3) VDD = 5V VDD = 10V VDD = 15V Drift with Supply (Note 3) Astable Timing Accuracy VDD = 5V to 15V RA = RB = 10K, C = 0.1F, VDD = 5V Drift with Temperature (Note 3) VDD = 5V VDD = 10V VDD = 15V Drift with Supply (Note 3) Threshold Voltage Trigger Voltage Trigger Current Threshold Current Control Voltage VTH VTRIG ITRIG ITH VCV VDD = 5V to 15V VDD = 15V VDD = 15V VDD = 15V VDD = 15V VDD = 15V 3 FN2867.9 August 24, 2006 ICM7555, ICM7556 Electrical Specifications Applies to ICM7555 and ICM7556, unless otherwise specified (Continued) TA = +25C PARAMETER Reset Voltage Reset Current Discharge Leakage Output Voltage SYMBOL VRST IRST IDIS VOL TEST CONDITIONS VDD = 2V to 15V VDD = 15V VDD = 15V VDD = 15V, ISINK = 20mA VDD = 5V, ISINK = 3.2mA VOH VDD = 15V, ISOURCE = 0.8mA VDD = 5V, ISOURCE = 0.8mA Discharge Output Voltage VDIS VDD = 5V, ISINK = 15mA VDD = 15V, ISINK = 15mA Supply Voltage (Note 3) Output Rise Time (Note 3) Output Fall Time (Note 3) Oscillator Frequency (Note 3) VDD tR tF fMAX Functional Operation RL = 10M, CL = 10pF, VDD = 5V RL = 10M, CL = 10pF, VDD = 5V VDD = 5V, RA = 470, RB = 270, C = 200pF 2.0 75 75 1 18.0 3.0 14.3 4.0 0.4 0.2 14.6 4.3 0.2 0.4 MIN 0.4 TYP MAX 1.0 10 10 1.0 0.4 14.2 3.8 0.6 0.4 16.0 (NOTE 4) -55C TO +125C MIN 0.2 TYP MAX 1.2 50 50 1.25 0.5 UNITS V nA nA V V V V V V V ns ns MHz NOTES: 3. These parameters are based upon characterization data and are not tested. 4. Applies only to military temperature range product (M suffix). Functional Diagram VDD 8 R THRESHOLD 6 5 CONTROL VOLTAGE R + COMPARATOR A + 4 FLIP-FLOP RESET OUTPUT DRIVERS 7 n OUTPUT 3 DISCHARGE TRIGGER 2 R COMPARATOR B 1 GND 1 NOTE: This functional diagram reduces the circuitry down to its simplest equivalent components. Tie down unused inputs. TRUTH TABLE THRESHOLD VOLTAGE Don't Care >2/3(V+) <2/3(V+) Don't Care TRIGGER VOLTAGE Don't Care >1/3(V+) >1/3(V+) <1/3(V+) RESET Low High High High OUTPUT Low Low Stable High DISCHARGE SWITCH On On Stable Off NOTE: RESET will dominate all other inputs: TRIGGER will dominate over THRESHOLD. 4 FN2867.9 August 24, 2006 ICM7555, ICM7556 Schematic Diagram VDD P P R P P THRESHOLD N CONTROL VOLTAGE N R OUTPUT P TRIGGER P NPN R N N N N N N N GND RESET R = 100k 20% (TYP) DISCHARGE Application Information General The ICM7555 and ICM7556 devices are, in most instances, direct replacements for the NE/SE 555/6 devices. However, it is possible to effect economies in the external component count using the ICM7555 and ICM7556. Because the bipolar NE/SE 555/6 devices produce large crowbar currents in the output driver, it is necessary to decouple the power supply lines with a good capacitor close to the device. The ICM7555 and ICM7556 devices produce no such transients. See Figure 1. 500 TA = 25C SUPPLY CURRENT (mA) 400 The ICM7555 and ICM7556 produce supply current spikes of only 2mA - 3mA instead of 300mA - 400mA and supply decoupling is normally not necessary. Also, in most instances, the CONTROL VOLTAGE decoupling capacitors are not required since the input impedance of the CMOS comparators on chip are very high. Thus, for many applications, two capacitors can be saved using an ICM7555 and three capacitors with an ICM7556. POWER SUPPLY CONSIDERATIONS Although the supply current consumed by the ICM7555 and ICM7556 devices is very low, the total system supply current can be high unless the timing components are high impedance. Therefore, use high values for R and low values for C in Figures 2A, 2B, and 3. VDD GND 1 2 3 4 RESET 8 7 6 5 VDD DISCHARGE THRESHOLD CONTROL VOLTAGE OPTIONAL CAPACITOR 10K ALTERNATE OUTPUT 300 SE/NE555 200 OUTPUT TRIGGER 100 0 ICM7555/56 0 200 400 TIME (ns) 600 800 VDD R C FIGURE 2A. ASTABLE OPERATION FIGURE 1. SUPPLY CURRENT TRANSIENT COMPARED WITH A STANDARD BIPOLAR 555 DURING AN OUTPUT TRANSITION 5 FN2867.9 August 24, 2006 ICM7555, ICM7556 VDD 1 2 OUTPUT VDD 3 4 8 7 6 5 RB TRIGGER OUTPUT RESET C OPTIONAL CAPACITOR VDD 18V 1 2 3 4 ICM7555 8 7 6 5 OPTIONAL CAPACITOR DISCHARGE THRESHOLD CONTROL VOLTAGE C RA tOUTPUT = -ln (1/3) RAC = 1.1RAC VDD RA FIGURE 2B. ALTERNATE ASTABLE CONFIGURATION FIGURE 3. MONOSTABLE OPERATION OUTPUT DRIVE CAPABILITY The output driver consists of a CMOS inverter capable of driving most logic families including CMOS and TTL. As such, if driving CMOS, the output swing at all supply voltages will equal the supply voltage. At a supply voltage of 4.5V or more, the ICM7555 and ICM7556 will drive at least two standard TTL loads. ASTABLE OPERATION The circuit can be connected to trigger itself and free run as a multivibrator, see Figure 2A. The output swings from rail to rail, and is a true 50% duty cycle square wave. (Trip points and output swings are symmetrical.) Less than a 1% frequency variation is observed over a voltage range of +5V to +15V. 1 f = ----------------1.4 RC (EQ. 1) CONTROL VOLTAGE The CONTROL VOLTAGE terminal permits the two trip voltages for the THRESHOLD and TRIGGER internal comparators to be controlled. This provides the possibility of oscillation frequency modulation in the astable mode or even inhibition of oscillation, depending on the applied voltage. In the monostable mode, delay times can be changed by varying the applied voltage to the CONTROL VOLTAGE pin. RESET The RESET terminal is designed to have essentially the same trip voltage as the standard bipolar 555/6, i.e., 0.6V to 0.7V. At all supply voltages it represents an extremely high input impedance. The mode of operation of the RESET function is, however, much improved over the standard bipolar NE/SE 555/6 in that it controls only the internal flipflop, which in turn controls simultaneously the state of the OUTPUT and DISCHARGE pins. This avoids the multiple threshold problems sometimes encountered with slow falling edges in the bipolar devices. The timer can also be connected as shown in Figure 2B. In this circuit, the frequency is: f = 1.44 ( R A + 2R B ) C (EQ. 2) The duty cycle is controlled by the values of RA and RB, by the equation: D = ( RA + R B ) ( R A + 2R B ) (EQ. 3) MONOSTABLE OPERATION In this mode of operation, the timer functions as a one-shot. See Figure 3. Initially the external capacitor (C) is held discharged by a transistor inside the timer. Upon application of a negative TRIGGER pulse to pin 2, the internal flip-flop is set which releases the short circuit across the external capacitor and drives the OUTPUT high. The voltage across the capacitor now increases exponentially with a time constant t = RAC. When the voltage across the capacitor equals 2/3 V+, the comparator resets the flip-flop, which in turn discharges the capacitor rapidly and also drives the OUTPUT to its low state. TRIGGER must return to a high state before the OUTPUT can return to a low state. 6 FN2867.9 August 24, 2006 ICM7555, ICM7556 Typical Performance Curves 1200 SUPPLY CURRENT (ICM7555) (A) 1100 MINIMUM PULSE WIDTH (ns) 1000 900 800 700 600 500 400 300 200 100 0 0 10 20 30 40 LOWEST VOLTAGE LEVEL OF TRIGGER PULSE (%VDD) VDD = 5V VDD = 18V VDD = 2V TA = 25C 200 180 160 140 120 100 80 60 40 20 0 0 2 4 6 8 10 12 14 16 18 20 SUPPLY VOLTAGE (V) TA = 70C TA = -20C TA = 25C 400 SUPPLY CURRENT (ICM7556) (A) 10.0 10.0 360 320 280 240 200 160 120 80 40 0 FIGURE 4. MINIMUM PULSE WIDTH REQUIRED FOR TRIGGERING FIGURE 5. SUPPLY CURRENT vs SUPPLY VOLTAGE -0.1 OUTPUT SOURCE CURRENT (mA) TA = 25C OUTPUT SINK CURRENT (mA) 100 TA = -20C VDD = 2V -1.0 VDD = 5V 10.0 VDD = 18V VDD = 5V VDD = 2V 1.0 -10.0 VDD = 18V -100 -10 -1.0 -0.1 OUTPUT VOLTAGE REFERENCED TO VDD (V) -0.01 0.1 0.01 0.1 1.0 OUTPUT LOW VOLTAGE (V) FIGURE 6. OUTPUT SOURCE CURRENT vs OUTPUT VOLTAGE FIGURE 7. OUTPUT SINK CURRENT vs OUTPUT VOLTAGE 100 TA = 25C OUTPUT SINK CURRENT (mA) VDD = 18V 10.0 VDD = 5V OUTPUT SINK CURRENT (mA) 100 TA = 70C VDD = 18V 10.0 VDD = 5V VDD = 2V 1.0 VDD = 2V 1.0 0.1 0.01 0.1 1.0 OUTPUT LOW VOLTAGE (V) 10.0 0.1 0.01 0.1 1.0 OUTPUT LOW VOLTAGE (V) FIGURE 8. OUTPUT SINK CURRENT vs OUTPUT VOLTAGE FIGURE 9. OUTPUT SINK CURRENT vs OUTPUT VOLTAGE 7 FN2867.9 August 24, 2006 ICM7555, ICM7556 Typical Performance Curves NORMALIZED FREQUENCY DEVIATION (%) 8 TA = 25C DISCHARGE SINK CURRENT (mA) 6 4 2 0 2 4 6 8 0.1 1.0 10.0 100.0 RA = RB = 10M C = 100pF (Continued) 100 TA = 25C VDD = 18V 10.0 VDD = 2V VDD = 5V RA = RB = 10k C = 0.1F 1.0 SUPPLY VOLTAGE (V) 0.1 0.01 0.1 1.0 DISCHARGE LOW VOLTAGE (V) 10.0 FIGURE 10. NORMALIZED FREQUENCY STABILITY IN THE ASTABLE MODE vs SUPPLY VOLTAGE 600 VDD = 5V PROPAGATION DELAY (ns) 500 FIGURE 11. DISCHARGE OUTPUT CURRENT vs DISCHARGE OUTPUT VOLTAGE NORMALIZED FREQUENCY DEVIATION (%) +1.0 +0.9 +0.8 +0.7 +0.6 +0.5 +0.4 +0.3 +0.2 +0.1 0 -0.1 -20 0 20 40 60 80 TEMPERATURE (C) VDD = 2V VDD = 2V VDD = 18V VDD = 5V RA = RB = 10k C = 0.1F 400 300 200 100 0 0 10 20 30 40 LOWEST VOLTAGE LEVEL OF TRIGGER PULSE (%VDD) TA = 70C TA = 25C TA = -20C FIGURE 12. PROPAGATION DELAY vs VOLTAGE LEVEL OF TRIGGER PULSE 1.0 100m 10m CAPACITANCE (F) 1m 100 10 1 100n 10n 1n 100p 10p 1p 0.1 TA = 25C (RA + 2RB) 1k 10k 100k 1M 10M 100M FIGURE 13. NORMALIZED FREQUENCY STABILITY IN THE ASTABLE MODE vs TEMPERATURE 1.0 100m 10m CAPACITANCE (F) 1m 100 10 1 100n 10n 1n 100p 10p 1p 100n 1k 10k 100k 1M 10M 100M TA = 25C RA 1 10 100 1k 10k 100k 1M 10M 1 10 100 1m 10m 100m 1 10 FREQUENCY (Hz) TIME DELAY (s) FIGURE 14. FREE RUNNING FREQUENCY vs RA, RB AND C FIGURE 15. TIME DELAY IN THE MONOSTABLE MODE vs RA AND C 8 FN2867.9 August 24, 2006 ICM7555, ICM7556 Small Outline Plastic Packages (SOIC) N INDEX AREA E -B1 2 3 SEATING PLANE -AD -CA h x 45 H 0.25(0.010) M BM M8.15 (JEDEC MS-012-AA ISSUE C) 8 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE INCHES SYMBOL A A1 L MILLIMETERS MIN 1.35 0.10 0.33 0.19 4.80 3.80 5.80 0.25 0.40 8 8 0 8 MAX 1.75 0.25 0.51 0.25 5.00 4.00 6.20 0.50 1.27 NOTES 9 3 4 5 6 7 Rev. 1 6/05 MIN 0.0532 0.0040 0.013 0.0075 0.1890 0.1497 0.2284 0.0099 0.016 8 0 MAX 0.0688 0.0098 0.020 0.0098 0.1968 0.1574 0.2440 0.0196 0.050 B C D E e H C A1 0.10(0.004) 0.050 BSC 1.27 BSC e B 0.25(0.010) M C AM BS h L N NOTES: 1. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. The lead width "B", as measured 0.36mm (0.014 inch) or greater above the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch). 10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact. 9 FN2867.9 August 24, 2006 ICM7555, ICM7556 Dual-In-Line Plastic Packages (PDIP) N E1 INDEX AREA 12 3 N/2 E8.3 (JEDEC MS-001-BA ISSUE D) 8 LEAD DUAL-IN-LINE PLASTIC PACKAGE INCHES SYMBOL -B- MILLIMETERS MIN 0.39 2.93 0.356 1.15 0.204 9.01 0.13 7.62 6.10 MAX 5.33 4.95 0.558 1.77 0.355 10.16 8.25 7.11 NOTES 4 4 8, 10 5 5 6 5 6 7 4 9 Rev. 0 12/93 MIN 0.015 0.115 0.014 0.045 0.008 0.355 0.005 0.300 0.240 MAX 0.210 0.195 0.022 0.070 0.014 0.400 0.325 0.280 -AD BASE PLANE SEATING PLANE D1 B1 B 0.010 (0.25) M D1 A1 A2 L A C L E A A1 A2 B B1 C D D1 E eA eC C -C- e C A BS eB NOTES: 1. Controlling Dimensions: INCH. In case of conflict between English and Metric dimensions, the inch dimensions control. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication No. 95. 4. Dimensions A, A1 and L are measured with the package seated in JEDEC seating plane gauge GS-3. 5. D, D1, and E1 dimensions do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.010 inch (0.25mm). 6. E and eA are measured with the leads constrained to be perpendicular to datum -C- . 7. eB and eC are measured at the lead tips with the leads unconstrained. eC must be zero or greater. 8. B1 maximum dimensions do not include dambar protrusions. Dambar protrusions shall not exceed 0.010 inch (0.25mm). 9. N is the maximum number of terminal positions. 10. Corner leads (1, N, N/2 and N/2 + 1) for E8.3, E16.3, E18.3, E28.3, E42.6 will have a B1 dimension of 0.030 - 0.045 inch (0.76 - 1.14mm). E1 e eA eB L N 0.100 BSC 0.300 BSC 0.115 8 0.430 0.150 - 2.54 BSC 7.62 BSC 10.92 3.81 8 2.93 10 FN2867.9 August 24, 2006 ICM7555, ICM7556 Dual-In-Line Plastic Packages (PDIP) N E1 INDEX AREA 12 3 N/2 -B-AD BASE PLANE SEATING PLANE D1 B1 B 0.010 (0.25) M D1 A1 A2 L A C L E E14.3 (JEDEC MS-001-AA ISSUE D) 14 LEAD DUAL-IN-LINE PLASTIC PACKAGE INCHES SYMBOL A A1 MIN 0.015 0.115 0.014 0.045 0.008 0.735 0.005 0.300 0.240 MAX 0.210 0.195 0.022 0.070 0.014 0.775 0.325 0.280 MILLIMETERS MIN 0.39 2.93 0.356 1.15 0.204 18.66 0.13 7.62 6.10 MAX 5.33 4.95 0.558 1.77 0.355 19.68 8.25 7.11 NOTES 4 4 8 5 5 6 5 6 7 4 9 Rev. 0 12/93 -C- A2 B B1 C D D1 E E1 e eA eB L N eA eC C e C A BS eB NOTES: 1. Controlling Dimensions: INCH. In case of conflict between English and Metric dimensions, the inch dimensions control. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication No. 95. 4. Dimensions A, A1 and L are measured with the package seated in JEDEC seating plane gauge GS-3. 5. D, D1, and E1 dimensions do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.010 inch (0.25mm). 6. E and eA are measured with the leads constrained to be perpendicular to datum -C- . 7. eB and eC are measured at the lead tips with the leads unconstrained. eC must be zero or greater. 8. B1 maximum dimensions do not include dambar protrusions. Dambar protrusions shall not exceed 0.010 inch (0.25mm). 9. N is the maximum number of terminal positions. 10. Corner leads (1, N, N/2 and N/2 + 1) for E8.3, E16.3, E18.3, E28.3, E42.6 will have a B1 dimension of 0.030 - 0.045 inch (0.76 1.14mm). 0.100 BSC 0.300 BSC 0.115 14 0.430 0.150 - 2.54 BSC 7.62 BSC 10.92 3.81 14 2.93 11 FN2867.9 August 24, 2006 ICM7555, ICM7556 Ceramic Dual-In-Line Frit Seal Packages (CERDIP) c1 -A-DBASE METAL E b1 M -Bbbb S BASE PLANE SEATING PLANE S1 b2 b ccc M C A-B S AA C A-B S D Q -CA L DS M (b) SECTION A-A (c) LEAD FINISH F14.3 MIL-STD-1835 GDIP1-T14 (D-1, CONFIGURATION A) 14 LEAD CERAMIC DUAL-IN-LINE FRIT SEAL PACKAGE INCHES SYMBOL A b b1 b2 b3 c MIN 0.014 0.014 0.045 0.023 0.008 0.008 0.220 MAX 0.200 0.026 0.023 0.065 0.045 0.018 0.015 0.785 0.310 MILLIMETERS MIN 0.36 0.36 1.14 0.58 0.20 0.20 5.59 MAX 5.08 0.66 0.58 1.65 1.14 0.46 0.38 19.94 7.87 NOTES 2 3 4 2 3 5 5 6 7 2, 3 8 Rev. 0 4/94 eA c1 D E e eA eA/2 L Q S1 e DS eA/2 c 0.100 BSC 0.300 BSC 0.150 BSC 0.125 0.015 0.005 90 14 0.200 0.060 105 0.015 0.030 0.010 0.0015 2.54 BSC 7.62 BSC 3.81 BSC 3.18 0.38 0.13 90 14 5.08 1.52 105 0.38 0.76 0.25 0.038 aaa M C A - B S D S NOTES: 1. Index area: A notch or a pin one identification mark shall be located adjacent to pin one and shall be located within the shaded area shown. The manufacturer's identification shall not be used as a pin one identification mark. 2. The maximum limits of lead dimensions b and c or M shall be measured at the centroid of the finished lead surfaces, when solder dip or tin plate lead finish is applied. 3. Dimensions b1 and c1 apply to lead base metal only. Dimension M applies to lead plating and finish thickness. 4. Corner leads (1, N, N/2, and N/2+1) may be configured with a partial lead paddle. For this configuration dimension b3 replaces dimension b2. 5. This dimension allows for off-center lid, meniscus, and glass overrun. 6. Dimension Q shall be measured from the seating plane to the base plane. 7. Measure dimension S1 at all four corners. 8. N is the maximum number of terminal positions. 9. Dimensioning and tolerancing per ANSI Y14.5M - 1982. 10. Controlling dimension: INCH. aaa bbb ccc M N All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see www.intersil.com 12 FN2867.9 August 24, 2006 |
Price & Availability of ICM755506 |